Part Number Hot Search : 
LVCH16 Y7C13 MS1206L6 04N03 MC9S08SG 5102ALP 242PC60G BR1020
Product Description
Full Text Search
 

To Download MC33160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100 ma, 5.0 v voltage regulator and supervisory circuit for microprocessors the mc34160 series is a voltage regulator and supervisory circuit containing many of the necessary monitoring functions required in microprocessor based systems. it is specifically designed for appliance and industrial applications, offering the designer a cost effective solution with minimal external components. these integrated circuits feature a 5.0 v/100 ma regulator with short circuit current limiting, pinned out 2.6 v bandgap reference, low voltage reset comparator, power warning comparator with programmable hysteresis, and an uncommitted comparator ideally suited for microprocessor line synchronization. additional features include a chip disable input for low standby current, and internal thermal shutdown for over temperature protection. these devices are contained in a 16 pin dualinline heat tab plastic package for improved thermal conduction. ? 5.0 v regulator output current in excess of 100 ma ? internal short circuit current limiting ? pinned out 2.6 v reference ? low voltage reset comparator ? power warning comparator with programmable hysteresis ? uncommitted comparator ? low standby current ? internal thermal shutdown protection ? heat tab power package representative block diagram v cc 14 chip disable 15 power sense hysteresis adjust noninverting input inverting input 1 2 10 9 regulator output 11 reference output comparator output power warning reset 16 8 6 thermal shutdown 2.6 v reference 0.913 r 0.01 r r i h i h on/off gnd 4, 5, 12, 13 + + + + + + + - - - - 7 this device contains 72 active transistors. on semiconductor  ? semiconductor components industries, llc, 2002 january, 2002 rev. 3 1 publication order number: mc34160/d device operating temperature range package mc34160 MC33160 semiconductor technical data microprocessor voltage regulator/ supervisory circuit ordering information MC33160dw MC33160p t a = 40 to +85 c sop16l dip16 p suffix plastic package case 648c (dip16) pin connections mc34160dw mc34160p t a = 0 to +70 c sop16l dip16 (top view) 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16 comp. inv. in n.c. gnd comp. out reset power warning power sense hyst. adj. reg. out gnd v cc chip disable v ref comp. noninv. in dw suffix plastic package case 751g (sop16l) 1 1 16 16
mc34160 MC33160 http://onsemi.com 2 maximum ratings rating symbol value unit power supply voltage v cc 40 v chip disable input voltage (pin 15, note 1) v cd 0.3 to v cc v comparator input current (pins 1, 2, 9) i in 2.0 to +2.0 ma comparator output voltage (pins 6, 7, 8) v o 40 v comparator output sink current (pins 6, 7, 8) i sink 10 ma power dissipation and thermal characteristics p suffix, dualinline case 648c thermal resistance, junctiontoair thermal resistance, junctiontocase (pins 4, 5, 12, 13) dw suffix, surface mount case 751g thermal resistance, junctiontoair thermal resistance, junctiontocase (pins 4, 5, 12, 13) r q ja r q jc r q ja r q jc 80 15 94 18 c/w operating junction temperature t j +150 c operating ambient t emperature mc34160 MC33160 t a 0 to +70 40 to +85 c storage temperature range t stg 65 to +150 c electrical characteristics (v cc = 30 v, i o = 10 ma, i ref = 100 m a) for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies [notes 2 and 3], unless otherwise noted.) characteristics symbol min typ max unit regulator section total output variation (v cc = 7.0 v to 40 v, i o = 1.0 ma to 100 ma, t a = t low to t high) v o 4.75 5.0 5.25 v line regulation (v cc = 7.0 v to 40 v, t a = 25 c) reg line 5.0 40 mv load regulation (i o = 1.0 v to 100 ma, t a = 25 c) reg load 20 50 mv ripple rejection (v cc = 25 v to 35 v, i o = 40 ma, f = 120 hz, t a = 25 c) rr 50 6.5 db reference section total output variation (v cc = 7.0 to 40 v, i o = 0.1 ma to 2.0 ma, t a = t low to t high) v ref 2.47 2.6 2.73 v line regulation (v cc = 5.0 v to 40 v, t a = 25 c) reg line 2.0 20 mv load regulation (i o = 0.1 ma to 2.0 ma, t a = 25 c) reg load 4.0 30 mv reset comparator threshold voltage high state output (pin 11 increasing) low state output (pin 11 decreasing) hysteresis v ih v il v h 4.55 0.02 (v o 0.11) (v o 0.18) 0.07 (v o 0.05) v output sink saturation (v cc = 4.5 v, i sink = 2.0 ma) v ol 0.4 v output offstate leakage (v oh = 40 v) i oh 4.0 m a notes: 1. the maximum voltage range is 0.3 v to v cc or +35 v, whichever is less. 2. t low =0 c for mc34160 t high =70 c for mc34160 40 c for MC33160 85 c for MC33160 3. low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible .
mc34160 MC33160 http://onsemi.com 3 electrical characteristics (continued) (v cc = 30 v, i o = 10 ma, i ref = 100 m a) for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies [notes 2 and 3], unless otherwise noted.) characteristics symbol min typ max unit power warning comparator input offset voltage v io 1.2 10 mv input bias current (v pin 9 = 3.0 v) i ib 0.5 m a input hysteresis current (v pin 9 = v ref 100 mv) r pin 10 = 24 k r pin 10 = i h 40 4.5 50 7.5 60 11 m a output sink saturation (i sink = 2.0 ma) v ol 0.13 0.4 v output offstate leakage (v oh = 40 v) i oh 4.0 m a uncommitted comparator input offset voltage (output transition low to high) v io 20 mv input hysteresis voltage (output transition high to low) i h 140 200 260 mv input bias current (v pin 1, 2 = 2.6 v) i ib 1.0 m a input common mode voltage range v icr 0.6 to 5.0 v output sink saturation (i sink = 2.0 ma) v ol 0.13 0.4 v output offstate leakage (v oh = 40 v) i oh 4.0 m a total device chip disable threshold voltage (pin 15) high state (chip disabled) low state (chip enabled) v ih v il 2.5 0.8 v chip disable input current (pin 15) high state (v in = 2.5 v) low state (v in = 0.8 v) i ih i il 100 30 m a chip disable input resistance (pin 15) r in 50 100 k w operating voltage range v o (pin 11) regulated v ref (pin 16) regulated v cc 7.0 to 40 5.0 to 40 v power supply current standby (chip disable high state) operating (chip disable low state) i cc 0.18 1.5 0.35 3.0 ma notes: 1. the maximum voltage range is 0.3 v to v cc or +35 v, whichever is less. 2. t low =0 c for mc34160 t high =70 c for mc34160 40 c for MC33160 85 c for MC33160 3. low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible . figure 1. regulator output voltage change versus source current figure 2. reference and regulator output versus supply voltage i o , regulator output source current (ma) d , regulator output voltage change (mv) o 0 -4.0 -8.0 -12 -16 0 40 80 120 160 v v cc = 7.5 v t a = 25 c v cc , supply voltage (v) 0 102030 40 6.0 4.0 2.0 0 output voltage (v) r l = 50 w regulator output reference output r l =  t a = 25 c r l = 
mc34160 MC33160 http://onsemi.com 4 figure 3. reference output voltage change versus source current figure 4. power warning hysteresis current versus programming resistor figure 5. power warning comparator delay versus temperature figure 6. uncommitted comparator delay versus temperature figure 7. comparator output saturation versus sink current figure 8. p suffix (dip16) thermal resistance and maximum power dissipation versus p.c.b. copper length i ref , reference output source current (ma) d , reference output voltage change (mv) ref 0 -8.0 -16 -24 -32 0 2.0 4.0 6.0 8.0 v v cc = 7.5 v t a = 25 c r h , programming resistor (kw) , hysteresis current ( a) h m 60 40 20 0 20 40 60 80 100 120 140 i v cc = 30 v v pin 9 = 2.5 v t a = 25 c t a , ambient temperature ( c) , output delay time (ns) dly 800 600 400 200 -55 -25 0 25 50 75 100 125 t v cc = 30 v v in (pin 9) = 2.5 v to 2.7 v r l = 2.4 k to v o output rise output fall output fall , output delay time (ns) dly t t a , ambient temperature ( c) 440 360 280 200 120 -55 -25 0 25 50 75 100 125 output rise v cc = 30 v v pin 1 = 2.5 v to 2.9 v v pin 2 = 2.6 v r l = 2.4 k to v o i sink , sink current (ma) , output saturation (v) ol 0.5 0.4 0.3 0.2 0.1 0 0 2.0 4.0 6.0 8.0 v v cc = 6.0 v v pin 1 = v ref v pin 2, 9 = 10 k w to gnd v sat = pins 6, 7, 8 t a = 85 c t a = 25 c t a = -40 c l, length of copper (mm) , thermal resistance junction to air (c/w) q ja , maximum power dissipation (w) d 10 0 20304050 100 80 60 40 20 00 1.0 2.0 3.0 4.0 5.0 l printed circuit board heatsink example graphs represent symmetrical layout 2.0 oz. copper l 3.0 mm p d(max) for t a = 70 c r q ja r p
mc34160 MC33160 http://onsemi.com 5 figure 9. dw suffix (sop16l) thermal resistance and maximum power dissipation versus p.c.b. copper length 30 40 50 60 70 80 90 0 0.4 0.8 1.2 1.6 2.0 2.4 0203050 40 10 l, length of copper (mm) 100 2.8 p d(max) for t a = 50 c r q ja p d r , thermal resistance ja q junctiontoair ( c/w) , maximum power dissipation (w) ??? ??? ??? ??? ?? ?? ?? 2.0 oz. copper graph represents symmetrical layout 3.0 mm l l pin function description pin function description 1 comparator inverting input this is the uncommitted comparator inverting input. it is typically connected to a resistor divider to monitor a voltage. 2 comparator noninverting input this is the uncommitted comparator noninverting input. it is typically connected to a reference voltage. 3 n.c. no connection. this pin is not internally connected. 4, 5, 12, 13 gnd these pins are the control circuit grounds and are connected to the source and load ground returns. they are part of the ic lead frame and can be used for heatsinking. 6 comparator output this is the uncommitted comparator output. it is an open collector sinkonly output requiring a pullup resistor. 7 reset this is the reset comparator output. it is an open collector sinkonly output requiring a pullup resistor. 8 power warning this is the power warning comparator output. it is an open collector sinkonly output requiring a pullup resistor. 9 power sense this is the power warning comparator noninverting input. it is typically connected to a resistor divider to monitor the input power source voltage. 10 hysteresis adjust the power warning comparator hysteresis is programmed by a resistor connected from this pin to ground. 11 regulator output this is the 5.0 v regulator output. 14 v cc this pin is the positive supply input of the control ic. 15 chip disable this input is used to switch the ic into a standby mode turning off all outputs. 16 v ref this is the 2.6 v reference output. it is intended to be used in conjunction with the power warning and uncommitted comparators.
mc34160 MC33160 http://onsemi.com 6 operating description the mc34160 series is a monolithic voltage regulator and supervisory circuit containing many of the necessary monitoring functions required in microprocessor based systems. it is specifically designed for appliance and industrial applications, offering the designer a cost effective solution with minimal external components. these devices are specified for operation over an input voltage of 7.0 v to 40 v, and with a junction temperature of 40 to +150 c. a typical microprocessor application is shown in figure 10. regulator the 5.0 v regulator is designed to source in excess of 100 ma output current and is short circuit protected. the output has a guaranteed tolerance of 5.0% over line, load, and temperature. internal thermal shutdown circuitry is included to limit the maximum junction temperature to a safe level. when activated, typically at 170 c, the regulator output turns off. in specific situations a combination of input and output bypass capacitors may be required for regulator stability. if the regulator is located an appreciable distance ( 4 ) from the supply filter, an input bypass capacitor (c in ) of 0.33 m f or greater is suggested. output capacitance values of less than 5.0 nf may cause regulator instability at light load ( 1.0 ma) and cold temperature. an output bypass capacitor of 0.1 m f or greater is recommended to ensure stability under all load conditions. the capacitors selected must provide good high frequency characteristics. good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator does not have external sense inputs. reference the 2.6 v bandgap reference is short circuit protected and has a guaranteed output tolerance of 5.0% over line, load, and temperature. it is intended to be used in conjunction with the power warning and uncommitted comparator. the reference can source in excess of 2.0 ma and sink a maximum of 10 m a. for additional current sinking capability, an external load resistor to ground must be used. reference biasing is internally derived from either v cc or v o , allowing proper operation if either drops below nominal. chip disable this input is used to switch the ic into a standby mode. when activated, internal biasing for the entire die is removed causing all outputs to turn off. this reduces the power supply current (i cc ) to less than 0.3 ma. comparators three separate comparators are incorporated for voltage monitoring. their outputs can provide diagnostic information to the microprocessor, preventing system malfunctions. the reset comparator inverting input is internally connected to the 2.6 v reference while the noninverting input monitors v o . the reset output is active low when v o falls approximately 180 mv below its regulated voltage. to prevent erratic operation when crossing the comparator threshold, 70 mv of hysteresis is provided. the power warning comparator is typically used to detect an impending loss of system power. the inverting input is internally connected to the reference, fixing the threshold at 2.6 v. the input power source v in is monitored by the noninverting input through the r 1 /r 2 divider (figure 10). this input features an adjustable 10 m a to 50 m a current sink i h that is programmed by the value selected for resistor r h . a default current of 6.5 m a is provided if r h is omitted. when the comparator input falls below 2.6 v, the current sink is activated. this produces hysteresis if v in is monitored through a series resistor (r 1 ). the comparator thresholds are defined as follows: r1 r 2 1 + i ib r 1 v th(lower) = v ref r1 r 2 1 + + i h r 1 v th(upper) = v ref the nominal hysteresis current i h equals 1.2 v/r h (figure 4). the uncommitted comparator can be used to synchronize the microprocessor with the ac line signal for timing functions, or for synchronous load switching. it can also be connected as a line loss detector as shown in figure 11. the comparator contains 200 mv of hysteresis preventing erratic output behavior when crossing the input threshold. the power warning and uncommitted comparators each have a transistor baseemitter connected across their inputs. the base input normally connects to a voltage reference while the emitter input connects to the voltage to be monitored. the transistor limits the negative excursion on the emitter input to 0.7 v below the base input by supply current from v cc . this clamp current will prevent forward biasing the ic substrate. zener diodes are connected to the comparator inputs to enhance the ics electrostatic discharge capability. resistors r 1 and r in must limit the input current to a maximum of 2.0 ma. each comparator output consists of an open collector npn transistor capable of sinking 2.0 ma with a saturation voltage less than 0.4 v, and standing off 40 v with minimal leakage. internal bias for the reset and power warning comparators is derived from either v cc or the regulator output to ensure functionality when either is below nominal.
mc34160 MC33160 http://onsemi.com 7 heat tab package the mc34160 is contained in a 16 lead plastic dualinline package in which the die is mounted on a special heat tab copper alloy lead frame. this tab consists of the four center ground pins that are specifically designed to improve thermal conduction from the die to the surrounding air. the pictorial in figure 8 shows a simple but effective method of utilizing the printed circuit board medium as a heat dissipator by soldering these tabs to an adequate area of copper foil. this permits the use of standard board layout and mounting practices while having the ability to more than halve the junction to air thermal resistance. the example and graph are for a symmetrical layout on a single sided board with one ounce per square foot copper. = sink only positive true logic ac line line sync. power warning v ref mpu reset c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in r 1 r 2 2.6 v r in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 16 8 6 i h r h + + + + + - - - - - + + + figure 10. typical microprocessor application
mc34160 MC33160 http://onsemi.com 8 figure 11. line loss detector application = sink only positive true logic ac line line loss output v ref mpu reset c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in r in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 10 8 6 i h + + - - + + + a r dly c dly pin 6 pin 8 2.6 v 2.6 v t dly r dly c dly ln i h r dly - v o v ref + i h r 1 - v o + i h r dly + - + - + - r 1 point a figure 12. time delayed microprocessor reset = sink only positive true logic v ref c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 16 8 6 i h + - + + + c dly r 1 r 2 6.2 k r h mpu reset r dly t dly  r dly c dly 3.6 k + - + - + - + -
mc34160 MC33160 http://onsemi.com 9 package dimensions p suffix plastic package case 648c04 issue d (dip16) dim min max min max millimeters inches a 0.744 0.783 18.90 19.90 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 e 0.050 bsc 1.27 bsc f 0.040 0.70 1.02 1.78 g 0.100 bsc 2.54 bsc j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.040 0.39 1.01     notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 16 9 18 d g e n k c 16x a m 0.005 (0.13) t seating plane b m 0.005 (0.13) t j 16x m l a a b f t b dw suffix plastic package case 751g03 issue b (sop16l) d 14x b 16x seating plane s a m 0.25 b s t 16 9 8 1 h x 45  m b m 0.25 h 8x e b a e t a1 a l c  notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not inlcude mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.13 total in excess of the b dimension at maximum material condition. dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 10.15 10.45 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7  
mc34160 MC33160 http://onsemi.com 10 notes
mc34160 MC33160 http://onsemi.com 11 notes
mc34160 MC33160 http://onsemi.com 12 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc34160/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC33160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X